Part Number Hot Search : 
DS128406 03515 1N3034C Z5243B N301102 BR1005 A78L05 141031
Product Description
Full Text Search
 

To Download RL103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
RL101 THRU RL107
1 Amp Rectifier 50 - 1000 Volts
Features
* * * Low Current Leakage Metalurgically Bonded Construction Low Cost
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 50 C/W Junction To Lead Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
A-405
Catalog Number
D
RL101 RL102 RL103 RL104 RL105 RL106 RL107
---------------
35V 70V 140V 280V 420V 560V 700V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0A TA = 75C Current Peak Forward Surge IFSM 30A 8.3ms, half sine Current Maximum 1.1V IFM = 1.0A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 5.0A TJ = 25C Rated DC Blocking 50A TJ = 125C Voltage Typical Junction CJ 15pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 2%
C
DIMENSIONS INCHES MIN .166 .080 --1.000 MM MIN 4.10 2.00 --25.40
DIM A B C D
MAX .205 .107 .024 ---
MAX 5.20 2.70 .60 ---
NOTE
www.cnelectr.com
RL101 thru RL107
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps .4 .8 1.2 Figure 2 Forward Derating Curve
.6
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
RL101 thru RL107
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 T =100C A 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C Amps 60 50 40 30 20 10 5 0 Figure 5 Peak Forward Surge Current
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of RL103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X